PART |
Description |
Maker |
AT85C5122 AT83C5122 AT83C5123 AT83EC5122 AT83EC512 |
C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM. A pre-certified version of this product with Omnikey software is available: C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM. C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM, 512 Bytes EEPROM C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 30K bytes ROM and 512 bytes EEPROM data C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM, 512 Bytes EEPROM Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K flash RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz.
|
Atmel
|
AT83C26-RKTUL AT83C26 AT83C26-PLRUL AT83C26-PLTEL |
SMART CARD READER INTERFACE WITH POWER MANAGEMENT
|
ATMEL[ATMEL Corporation]
|
AT89C5122 |
(AT8xx512x) Smart Card Reader ICs
|
ATMEL Corporation
|
AT89C5122 AT83EC5122 AT85EC5122 AT83EC5123 AT85C51 |
MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
|
ATMEL Corporation
|
TDA8030HL TDA8031HL |
USB smart card reader (OTP or ROM)
|
NXP Semiconductors
|
AU9510F |
USB Smart Card Reader Controller Technical Reference Manual
|
Alcor
|
AT83C5127XXX-RATIM AT83C5127 AT83C5127XXX-PURIM AT |
Transceiver contains logic necessary to transmit and receive MF signaling used in China on one IC. MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
953438 |
SMART CARD READER 0.76mm, PCB MOUNT THROUGH HOLE, RAISED PROFILE BLADE SWITCH NORMALLY CLOSED.
|
List of Unclassifed Manufacturers ETC
|
AT83C23OK AT83C23OKXXX-RATIM AT83C23OKXXX-SIRIM AT |
CardMan Smart@Link AT83C23OKxxx-SIRIM CardMan. Smart card interface. xxx - firmware version.
|
ATMEL Corporation
|
DS8024-RRX DS8024-RJX/V |
Smart Card Interface
|
Maxim Integrated Produc...
|
TDA8034AT TDA8034T/C1112 TDA8034T/C1118 TDA8034AT/ |
Smart card interface
|
NXP Semiconductors N.V.
|